| Moteur de recherche de fiches techniques de composants électroniques |
|
31270 Fiches technique(PDF) 20 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 Fiches technique(HTML) 20 Page - Tyco Electronics |
|
20 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 20 Ring Tongue Terminals (Continued) Wire Size Dimensions Material Circular Mils Stud Style L E C W Thickness Wire Barrel I.D. Min. Part Numbers [mm2] Size Max. Max. Max. Solistrand Solistrand B 2.671 2.056 .625 1.545 .140 .819 322257 3/8 67.84 52.22 15.88 39.24 3.56 20.80 B 3.422 2.675 1.250 1.545 .140 .819 322763 86.92 67.95 31.75 39.24 3.56 20.80 7/16 B 2.671 2.056 .625 1.545 .140 .819 322258 300–350 MCM 67.84 52.22 15.88 39.24 3.56 20.80 300,000–380,000 B 2.671 2.056 .625 1.545 .140 .819 322259 [152–193] 1/2 67.84 52.22 15.88 39.24 3.56 20.80 M12 B 3.422 2.675 1.250 1.545 .140 .819 322764 86.92 67.95 31.75 39.24 3.56 20.80 5/8 B 2.671 2.065 .625 1.545 .140 .819 324105 67.84 52.22 15.88 39.24 3.56 20.80 3/4 B 3.422 2.675 1.250 1.545 .140 .819 322428 86.92 67.95 31.75 39.24 3.56 20.80 3/8 B 2.790 2.175 .625 1.749 .158 .930 322262 70.87 55.25 15.88 44.42 4.01 23.62 7/16 B 2.790 2.175 .625 1.749 .158 .930 322263 70.87 55.25 15.88 44.42 4.01 23.62 B 2.790 2.175 .625 1.749 .158 .930 322264 400 MCM 1/2 70.87 55.25 15.88 44.42 4.01 23.62 380,000–478,000 M12 B 3.644 2.795 1.250 1.749 .158 .930 327882 [193–242] 92.56 70.99 31.75 44.42 4.01 23.62 5/8 B 2.790 2.175 .625 1.749 .158 .930 324202 M16 70.87 55.25 15.88 44.42 4.01 23.62 3/4 B 3.644 2.795 1.250 1.749 .158 .930 323222 92.56 70.99 31.75 44.42 4.01 23.62 1 B 3.644 2.795 1.250 1.749 .158 .930 322939 92.56 70.99 31.75 44.42 4.01 23.62 B 3.187 2.447 .750 2.015 .182 1.075 322267 3/8 80.95 62.15 19.05 51.18 4.62 27.31 B 4.176 3.194 1.500 2.015 .182 1.075 322772 106.07 81.13 38.10 51.18 4.62 27.31 B 3.187 2.447 .750 2.015 .182 1.075 322269 500–600 MCM 1/2 80.95 62.15 19.05 51.18 4.62 27.31 478,000–600,000 M12 B 4.176 3.194 1.500 2.015 .182 1.075 322773 [242–304] 106.07 81.13 38.10 51.18 4.62 27.31 5/8 B 3.187 2.447 .750 2.015 .182 1.075 322270 M16 80.95 62.15 19.05 51.18 4.62 27.31 3/4 B 4.176 3.194 1.500 2.015 .182 1.075 322271 106.07 81.13 38.10 51.18 4.62 27.31 1 B 4.176 3.194 1.500 2.015 .182 1.075 322273 106.07 81.13 38.10 51.18 4.62 27.31 Wire Size Range 300 to 600 MCM, CMA 300,000 — 600,000 [152 to 304 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 B |