| Moteur de recherche de fiches techniques de composants électroniques |
|
31270 Fiches technique(PDF) 19 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 Fiches technique(HTML) 19 Page - Tyco Electronics |
|
19 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 19 Ring Tongue Terminals (Continued) Wire Size Dimensions Material Circular Mils Stud Style L E C W Thickness Wire Barrel I.D. Min. Part Numbers [mm2] Size Max. Max. Max. Solistrand Solistrand B 2.143 1.643 .625 1.082 .094 .565 01-36929*0 1/2 54.43 41.73 15.88 27.48 2.39 14.35 M12 B 2.112 1.622 .625 1.020 .094 .565 0-321877*0 53.64 41.20 15.88 25.91 2.39 14.35 3/0 C 2.699 2.084 1.125 1.270 .094 .565 0-322222-0 150,500–190,000 5/8 68.55 52.93 28.58 32.26 2.39 14.35 [76.3–96.3] M16 B 2.143 1.643 .625 1.082 .094 .565 01-36930-0 54.43 41.73 15.88 27.48 2.39 14.35 3/4 C 2.699 2.084 1.125 1.270 .094 .565 0-322223-0 68.55 52.93 28.58 32.26 2.39 14.35 1/4 B 2.206 1.644 .625 1.150 .105 .635 12-36932-2 M6 56.03 41.76 15.88 29.21 2.67 16.13 5/16 B 2.537 1.985 1.078 1.150 .105 .635 0-321271-0 M8 64.44 50.42 27.38 29.21 2.67 16.13 B 2.206 1.644 .625 1.150 .105 .635 01-36932-0 56.03 41.76 15.88 29.21 2.67 16.13 3/8 B 2.178 1.657 .625 1.087 .105 .635 0-321878*0 55.32 42.09 15.88 27.61 2.67 16.13 7/16 B 2.178 1.657 .625 1.087 .105 .635 0-321879-0 55.32 42.09 15.88 27.61 2.67 16.13 4/0 B 2.178 1.657 .625 1.087 .105 .635 0-321880*0 190,000–231,000 55.32 42.09 15.88 27.61 2.67 16.13 [96.3–117] 1/2 B 2.206 1.644 .625 1.150 .105 .635 01-36934*0 M12 56.03 41.76 15.88 29.21 2.67 16.13 B 2.537 1.985 1.078 1.150 .105 .635 0-321163-0 64.44 50.42 27.38 29.21 2.67 16.13 B 2.206 1.644 .625 1.150 .105 .635 036935 5/8 56.03 41.76 15.88 29.21 2.67 16.13 M16 C 2.732 2.117 1.078 1.275 .105 .635 322227 69.39 53.77 27.38 32.39 2.67 16.13 3/4 C 2.732 2.117 1.078 1.275 .105 .635 322228 69.39 53.77 27.38 32.39 2.67 16.13 7/8 C 2.732 2.117 1.078 1.275 .105 .635 321625 M22 69.39 53.77 27.38 32.39 2.67 16.13 3/8 B 2.602 1.987 .625 1.435 .130 .753 322252 66.09 50.47 15.88 36.45 3.30 19.13 7/16 B 2.602 1.987 .625 1.435 .130 .753 322253 66.09 50.47 15.88 36.45 3.30 19.13 250–300 MCM 1/2 B 2.602 1.987 .625 1.435 .130 .753 322254 231,000–300,000 M12 66.09 50.47 15.88 36.45 3.30 19.13 [117–152] 5/8 B 2.602 1.987 .625 1.435 .130 .753 323050 M16 66.09 50.47 15.88 36.45 3.30 19.13 3/4 B 3.259 2.566 1.203 1.435 .130 .753 323140 82.78 65.18 30.56 36.45 3.30 19.13 1 B 3.259 2.566 1.203 1.435 .130 .753 323034 82.78 65.18 30.56 36.45 3.30 19.13 *Part numbers are available in small quantity packages. Wire Size Range AWG 3/0 to 300 MCM, CMA 150,500 to 300,000 [76.3 to 152 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 B C |