Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4604 Fiches technique(PDF) 51 Page - SMSC Corporation

No de pièce USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Fiches technique(HTML) 51 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 47Page - SMSC Corporation USB4604 Datasheet HTML 48Page - SMSC Corporation USB4604 Datasheet HTML 49Page - SMSC Corporation USB4604 Datasheet HTML 50Page - SMSC Corporation USB4604 Datasheet HTML 51Page - SMSC Corporation USB4604 Datasheet HTML 52Page - SMSC Corporation USB4604 Datasheet HTML 53Page - SMSC Corporation USB4604 Datasheet HTML 54Page - SMSC Corporation USB4604 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4604
51
Revision 1.0 (06-17-13)
DATASHEET
7.3.2
Run Time SMBus Page Register
The following run time SMBus page register is located at 0xFF and must be programmed to allow the
SOC to page through different pages of the register space.
Table 7.16
SMBus Page Register
SMBUS_PAGE
(0xFF(I2C) - RESET= 0x00)
SMBUS PAGE REGISTER
BIT
NAME
R/W
DESCRIPTION
7:5
PAGE_SEL
R/W
From the I2C side, this field allows the I2C to select the accessible address
space:
000 = Select registers in the 3000 space (0x30e2 - 0x30ee)
010 = Select registers in the 3100 space (0x318b,0x318e)
110 = Select register in the 6100 space (0x6100,0x6101,0x6102)
5:0
Reserved
R
Reserved.
Note:
Software must never write a ‘1’ to these bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71