| Moteur de recherche de fiches techniques de composants électroniques |
|
USB4604 Fiches technique(PDF) 37 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB4604 Fiches technique(HTML) 37 Page - SMSC Corporation |
|
37 / 71 page ![]() USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet SMSC USB4604 37 Revision 1.0 (06-17-13) DATASHEET 7.1.7 Command Only Program Example To perform a single byte command such as the following: - WRDI - WREN - EWSR - CHIP_ERASE - EBSY - DBSY The device writes the opcode into the first byte of the SPI_CMD_BUF and the SPI_CMD_LEN is set to one. The device first drives SPI_CE_N low, then 8 bits of the command are clocked out on SPI_DO. SPI_DI is not used in this example. Figure 7.5 SPI Command Only Sequence SPI_CE_N SPI_CLK 12 3 4 05 7 6 SPI_DO SPI_DI Command MSB HIGH IMPEDANCE |