Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4604 Fiches technique(PDF) 20 Page - SMSC Corporation

No de pièce USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Fiches technique(HTML) 20 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 16Page - SMSC Corporation USB4604 Datasheet HTML 17Page - SMSC Corporation USB4604 Datasheet HTML 18Page - SMSC Corporation USB4604 Datasheet HTML 19Page - SMSC Corporation USB4604 Datasheet HTML 20Page - SMSC Corporation USB4604 Datasheet HTML 21Page - SMSC Corporation USB4604 Datasheet HTML 22Page - SMSC Corporation USB4604 Datasheet HTML 23Page - SMSC Corporation USB4604 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
20
SMSC USB4604
DATASHEET
3.2
Pin Assignments
Table 3.2 48-SQFN Package Pin Assignments
PIN NUM
PIN NAME
PIN NUM
PIN NAME
1
VBAT
25
SPI_CE_N
2
NC
26
SPI_DO/SPI_SPD_SEL
3
USBDN1_DM/PRT_DIS_M1
27
SPI_CLK
4
USBDN1_DP/PRT_DIS_P1
28
UART_RX/OCS3_N
5
USBDN2_DM/PRT_DIS_M2
29
PRTPWR4/PRTCTL4
6
USBDN2_DP/PRT_DIS_P2
30
UART_TX/OCS4_N
7
NC
31
SDA/SMBDATA
8
USBDN3_DM/PRT_DIS_M3
32
VDD33
9
USBDN3_DP/PRT_DIS_P3
33
SCL/SMBCLK
10
USBDN4_DM/PRT_DIS_M4
34
NC
11
USBDN4_DP/PRT_DIS_P4
35
RESET_N
12
VDDA33
36
VBUS_DET
13
SOF
37
VDDA33
14
SUSPEND
38
VDD12
15
PRTPWR1/PRTCTL1/
39
FLEX_HSIC_UP_STROBE
16
OCS1_N
40
FLEX_USBUP_DM/PRT_DIS_M0
17
VDDCR12
41
FLEX_USBUP_DP/PRT_DIS_P0
18
VDD33
42
FLEX_HSIC_UP_DATA
19
PRTPWR2/PRTCTL2/
43
XTAL2
20
OCS2_N
44
XTAL1/REFCLK
21
PRTPWR3/PRTCTL3
45
NC
22
NC
46
RBIAS
23
NC
47
VDDCOREREG
24
SPI_DI
48
VDDA33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71