Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC37C78 Fiches technique(PDF) 78 Page - Microchip Technology

No de pièce FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Fiches technique(HTML) 78 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 74Page - Microchip Technology FDC37C78 Datasheet HTML 75Page - Microchip Technology FDC37C78 Datasheet HTML 76Page - Microchip Technology FDC37C78 Datasheet HTML 77Page - Microchip Technology FDC37C78 Datasheet HTML 78Page - Microchip Technology FDC37C78 Datasheet HTML 79Page - Microchip Technology FDC37C78 Datasheet HTML 80Page - Microchip Technology FDC37C78 Datasheet HTML 81Page - Microchip Technology FDC37C78 Datasheet HTML 82Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
78
t1
t2
t2
t4
X1
nRESET
FIGURE 6 - CLOCK TIMING
min
t1
43.33
Description
max
Units
Clock CycleTime for 24MHZ
Clock High Time/Low Time for
14.318MHZ
Clock Rise Time/Fall Time
(not shown)
nRESET Low Time
t2
Name
14
5
1.5
t6
NOTE 1:
The nRESET low time is dependent upon the processor clock. The
nRESET must be active for a minimum of 24 x16MHz clock cycles.
typ
ns
ns
ns
us
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82