Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC37C78 Fiches technique(PDF) 75 Page - Microchip Technology

No de pièce FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Fiches technique(HTML) 75 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 71Page - Microchip Technology FDC37C78 Datasheet HTML 72Page - Microchip Technology FDC37C78 Datasheet HTML 73Page - Microchip Technology FDC37C78 Datasheet HTML 74Page - Microchip Technology FDC37C78 Datasheet HTML 75Page - Microchip Technology FDC37C78 Datasheet HTML 76Page - Microchip Technology FDC37C78 Datasheet HTML 77Page - Microchip Technology FDC37C78 Datasheet HTML 78Page - Microchip Technology FDC37C78 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
75
TIMING DIAGRAMS
FIGURE 3 - MICROPROCESSOR READ TIMING
Parameter
min
typ
max
units
t1
t2
t3
t4
t5
nCS Set Up to nIOR Low
nIOR Width
nCS Hold from nIOR High
Data Access Time from nIOR Low
Data to Float Delay from nIOR High
40
150
10
10
100
60
ns
ns
ns
ns
ns
t6
Read Strobe to Clear IRQ
55
ns
40
t3
t1
t2
t4
t5
t6
DATA VALID
nCS
nIOR
DATA
(D0-D7)
BUSY
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82