| Moteur de recherche de fiches techniques de composants électroniques |
|
FDC37C78 Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78 Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 82 page ![]() 41 RELATIVE SEEK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 1 DIR 0 0 1 1 1 1 W 0 0 0 0 0 HDS DS1 DS0 W ─────── RCN ─────── DUMPREG DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 1 1 0 *Note: Registers placed in FIFO Execution Result R ────── PCN-Drive 0 ─────── R ────── PCN-Drive 1 ─────── R ────── PCN-Drive 2 ─────── R ────── PCN-Drive 3 ─────── R ──── SRT ──── ─── HUT ─── R ─────── HLT ─────── ND R ─────── SC/EOT ─────── R LOCK 0 D3 D2 D1 D0 GAP WGATE R 0 EIS EFIFO POLL ── FIFOTHR ── R ──────── PRETRK ──────── |