Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8315CVRADDA Fiches technique(PDF) 86 Page - Freescale Semiconductor, Inc

No de pièce MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Fiches technique(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8315CVRADDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
86
Freescale Semiconductor
Package and Pin Listings
ETSEC2
GPIO_26/TSEC2_COL
A8
I/O
LVDD2_ON
—
GPIO_27/TSEC2_CRS
E9
I/O
LVDD2_ON
—
TSEC2_GTX_CLK
B10
O
LVDD2_ON
—
TSEC2_RX_CLK
B8
I
LVDD2_ON
—
TSCE2_RX_DV
C9
I
LVDD2_ON
—
TSEC2_RXD[3]
C10
I
LVDD2_ON
—
TSEC2_RXD[2]
D10
I
LVDD2_ON
—
TSEC2_RXD[1]
A9
I
LVDD2_ON
—
TSEC2_RXD[0]
B9
I
LVDD2_ON
—
TSEC2_RX_ER
A10
I
LVDD2_ON
—
TSEC2_TX_CLK
D8
I
LVDD2_ON
—
TSEC2_TXD[3]/CFG_RESET_SOURCE[0]
D11
I/O
LVDD2_ON
—
TSEC2_TXD[2]/CFG_RESET_SOURCE[1]
C7
I/O
LVDD2_ON
—
TSEC2_TXD[1]/CFG_RESET_SOURCE[2]
E8
I/O
LVDD2_ON
—
TSEC2_TXD[0]/CFG_RESET_SOURCE[3]
B7
I/O
LVDD2_ON
—
TSEC2_TX_EN
D12
O
LVDD2_ON
—
TSEC2_TX_ER
B11
O
LVDD2_ON
—
SGMII / PCI Express PHY
TXA
P4
O
XPADVDD
—
TXA
N4
O
XPADVDD
—
RXA
R1
I
XCOREVDD
—
RXA
P1
I
XCOREVDD
—
TXB
U4
O
XPADVDD
—
TXB
V4
O
XPADVDD
—
RXB
U1
I
XCOREVDD
—
RXB
V1
I
XCOREVDD
—
SD_IMP_CAL_RX
N3
I
XCOREVDD
—
SD_REF_CLK
R4
I
XCOREVDD
—
SD_REF_CLK
R5
I
XCOREVDD
—
SD_PLL_TPD
T2
O
—
—
SD_IMP_CAL_TX
V5
I
XPADVDD
—
SDAVDD
T3
I
—
—
SD_PLL_TPA_ANA
T4
O
—
—
SDAVSS
T5
I
—
—
USB Phy
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note