Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY2303 Fiches technique(PDF) 3 Page - Cypress Semiconductor

No de pièce CY2303
Description  Phase-Aligned Clock Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303 Fiches technique(HTML) 3 Page - Cypress Semiconductor

  CY2303_13 Datasheet HTML 1Page - Cypress Semiconductor CY2303_13 Datasheet HTML 2Page - Cypress Semiconductor CY2303_13 Datasheet HTML 3Page - Cypress Semiconductor CY2303_13 Datasheet HTML 4Page - Cypress Semiconductor CY2303_13 Datasheet HTML 5Page - Cypress Semiconductor CY2303_13 Datasheet HTML 6Page - Cypress Semiconductor CY2303_13 Datasheet HTML 7Page - Cypress Semiconductor CY2303_13 Datasheet HTML 8Page - Cypress Semiconductor CY2303_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY2303
Document Number: 38-07249 Rev. *F
Page 3 of 14
Pin Configurations
Figure 1. 8-pin SOIC pinout
1
2
3
4
5
8
7
6
REF
GND
REFIN
N/C
VDD
OE
REFx2
REFx4
Pin Description
Pin
Signal [1]
Description
1
REF
REF output (1x reference input)
2
GND
Ground
3
REFIN
Input reference frequency, 5 V tolerant input
4
N/C
No connect
5
REFx2
2x reference input
6
REFx4
4x reference input
7VDD
3.3 V supply
8
OE
Output enable (weak pull-up)
Note
1. Weak pull-down on all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com