Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY2303 Fiches technique(PDF) 6 Page - Cypress Semiconductor

No de pièce CY2303
Description  Phase-Aligned Clock Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303 Fiches technique(HTML) 6 Page - Cypress Semiconductor

Back Button CY2303_13 Datasheet HTML 2Page - Cypress Semiconductor CY2303_13 Datasheet HTML 3Page - Cypress Semiconductor CY2303_13 Datasheet HTML 4Page - Cypress Semiconductor CY2303_13 Datasheet HTML 5Page - Cypress Semiconductor CY2303_13 Datasheet HTML 6Page - Cypress Semiconductor CY2303_13 Datasheet HTML 7Page - Cypress Semiconductor CY2303_13 Datasheet HTML 8Page - Cypress Semiconductor CY2303_13 Datasheet HTML 9Page - Cypress Semiconductor CY2303_13 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY2303
Document Number: 38-07249 Rev. *F
Page 6 of 14
Switching Waveforms
Figure 2. Duty Cycle Timing
Figure 3. All Outputs Rise/Fall Time
Figure 4. Output to Output Skew
Figure 5. Input to Output Propagation Delay
Figure 6. Device to Device Skew
t1
t2
VDD/2
OUTPUT
t3
3.3V
0V
0.8V
2.0V
2.0V
0.8V
t4
VDD/2
t5
OUTPUT
OUTPUT
VDD/2
VDD/2
t6
INPUT
FBK
VDD/2
VDD/2
t7
FBK, Device 1
FBK, Device 2
VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com