Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051K4U6 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STM32F051K4U6
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K4U6 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STM32F051K4U6 Datasheet HTML 15Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 16Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 17Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 18Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 19Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 20Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 21Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 22Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
STM32F051x
Functional overview
Doc ID 022265 Rev 3
19/105
components to operate. The STM32F051x devices offer up to 18 capacitive sensing
channels distributed over 6 analog I/O groups.
Table 5.
Capacitive sensing GPIOs available on STM32F051x devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
4
TSC_G4_IO1
PA9
TSC_G1_IO2
PA1
TSC_G4_IO2
PA10
TSC_G1_IO3
PA2
TSC_G4_IO3
PA11
TSC_G1_IO4
PA3
TSC_G4_IO4
PA12
2
TSC_G2_IO1
PA4
5
TSC_G5_IO1
PB3
TSC_G2_IO2
PA5
TSC_G5_IO2
PB4
TSC_G2_IO3
PA6
TSC_G5_IO3
PB6
TSC_G2_IO4
PA7
TSC_G5_IO4
PB7
3
TSC_G3_IO1
PC5
6
TSC_G6_IO1
PB11
TSC_G3_IO2
PB0
TSC_G6_IO2
PB12
TSC_G3_IO3
PB1
TSC_G6_IO3
PB13
TSC_G3_IO4
PB2
TSC_G6_IO4
PB14
Table 6.
No. of capacitive sensing channels available on STM32F051x devices
Analog I/O group
Number of capacitive sensing channels
STM32F051Rx
STM32F051Cx
STM32F051Kx
(UFQFPN32)
STM32F051Kx
(LQFP32)
G1
3333
G2
3333
G3
3221
G4
3333
G5
3333
G6
3300
Number of capacitive
sensing channels
18
17
14
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More