Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051K4U6 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STM32F051K4U6
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K4U6 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STM32F051K4U6 Datasheet HTML 11Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 12Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 13Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 14Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 15Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 16Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 17Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 18Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
STM32F051x
Functional overview
Doc ID 022265 Rev 3
15/105
Several prescalers allow the application to configure the frequency of the AHB and the APB
domains. The maximum frequency of the AHB and the APB domains is 48 MHz.
Figure 2.
Clock tree
3.7
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More