Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051K4U6 Fiches technique(PDF) 91 Page - STMicroelectronics

No de pièce STM32F051K4U6
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K4U6 Fiches technique(HTML) 91 Page - STMicroelectronics

Back Button STM32F051K4U6 Datasheet HTML 87Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 88Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 89Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 90Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 91Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 92Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 93Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 94Page - STMicroelectronics STM32F051K4U6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
Package characteristics
STM32F051x
92/105
Doc ID 022265 Rev 3
7
Package characteristics
7.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More