Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBA Fiches technique(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBA
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Fiches technique(HTML) 83 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 79Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 80Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 81Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 82Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 83Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 84Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 85Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 86Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
safe_mode
7
AC1
etk_clk
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_ clkx 1
IO
mmc3_clk
2
O
hsusb1_stp
3
O
gpio_12
4
IO
mm1_rxdp
5
IO
hsusb1_tll_stp 6
I
AD3
etk_ctl
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mmc3_cmd
2
IO
hsusb1_clk
3
O
gpio_13
4
IO
hsusb1_tll_clk 6
O
AD6
etk_d0
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_ simo 1
IO
mmc3_dat4
2
IO
hsusb1_ data0 3
IO
gpio_14
4
IO
mm1_rxrcv
5
IO
hsusb1_tll_
6
IO
data0
AC6
etk_d1
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_ somi 1
IO
hsusb1_ data1 3
IO
gpio_15
4
IO
mm1_txse0
5
IO
hsusb1_tll_
6
IO
data1
AC7
etk_d2
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_cs0
1
IO
hsusb1_ data2 3
IO
gpio_16
4
IO
mm1_txdat
5
IO
hsusb1_tll_dat 6
IO
a2
AD8
etk_d3
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_clk
1
IO
mmc3_dat3
2
IO
hsusb1_ data7 3
IO
gpio_17
4
IO
hsusb1_tll_
6
IO
data7
AC5
etk_d4
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_dr
1
I
mmc3_dat0
2
IO
hsusb1_ data4 3
IO
gpio_18
4
IO
hsusb1_tll_
6
IO
data4
AD2
etk_d5
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_fsx
1
IO
mmc3_dat1
2
IO
hsusb1_ data5 3
IO
gpio_19
4
IO
hsusb1_tll_
6
IO
data5
AC8
etk_d6
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
Submit Documentation Feedback
TERMINAL DESCRIPTION
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More