| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBBA Fiches technique(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBA Fiches technique(HTML) 46 Page - Texas Instruments |
|
46 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] AH6, U1, R4, NA vdds_mem 0 PWR - - - - - - - - J1, J2, G28, F1, F2, D16, C16, C28, B5, B8, B12, B18, B22, A5, A8, A12, A18, A22 AG20, AG21, NA vdds 0 PWR - - - - - - - - AG27, AF8, AF16, AF23, AE8, AE16, AE23, AE27, AD3, AD4, W4, H28, F25, F26 W16 NA vdds_sram 0 K15 NA vdds_dpll_dll 0 PWR - - - - - - - - AA16 NA vdds_dpll_pe 0 PWR - - - - - - - - r AA14 NA vdds_wkup_ 0 PWR - - - - - - - - bg K25, P25 NA vdds_mmc1, 0 PWR - - - - - - - - vdds_mmc1a V25 NA vdda_dac 0 PWR - - - - - - - - Y26 NA vssa_dac 0 GND - - - - - - - - AA26, AG2, NA vss 0 GND - - - - - - - - AG3, AG6, AF12, AF20, AE12, AE20, AC25, AC26, AG16, AH21, Y12, Y13, Y17, Y25, W3, W10, W13, W14, W17, W19, W25, V9, V10, V19, U2, U9, T20, R19, R20, R26, P3, P4, P9, P10, P19, N9, M20, M28, L19, L20, L26, K9, K10, K12, K16, K17, K19, J3, J12, J13, J16, J17, G27, E3,E4, D7, D10, D13, D19, D21, C7, C10, C13, C19, C22, B2, B27, A3, A26 AH20, AA15, NA cap_vdd_d, 0 PWR - - - - - - - - V4, L21 cap_vdd_wk up, cap_vdd_sra m_mpu_iva, cap_vdd_sra m_core 46 TERMINAL DESCRIPTION Submit Documentation Feedback |