| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280EC Fiches technique(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280EC Fiches technique(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 70 Freescale Semiconductor Pinout PA19/FCC1_MII_HDLC_TXD1/ FCC1_RMII_TXD1 FCC1_UT8_TXD6/FCC1_UT16_TXD14 N232 PA20/FCC1_MII_HDLC_TXD2 FCC1_UT8_TXD5/FCC1_UT16_TXD13 K262 PA21/FCC1_MII_HDLC_TXD3 FCC1_UT8_TXD4/FCC1_UT16_TXD12 L232 PA22 FCC1_UT8_TXD3/FCC1_UT16_TXD11 K232 PA23 FCC1_UT8_TXD2/FCC1_UT16_TXD10 H262 PA24/MSNUM1 FCC1_UT8_TXD1/FCC1_UT16_TXD9 F252 PA25/MSNUM0 FCC1_UT8_TXD0/FCC1_UT16_TXD8 D262 PA26/FCC1_MII_RMII_RX_ER/ FCC1_UTM_RXCLAV/ FCC1_UTS_RXCLAV D252 PA27/FCC1_MII_RX_DV/ FCC1_RMII_CRS_DV FCC1_UT_RXSOC C252 PA28/FCC1_MII_TX_EN/ FCC1_RMII_TX_EN FCC1_UTM_RXENB/ FCC1_UTS_RXENB C222 PA29/FCC1_MII_TX_ER FCC1_UT_TXSOC B212 PA30/FCC1_MII_CRS/FCC1_RTS FCC1_UTM_TXCLAV/ FCC1_UTS_TXCLAV A202 PA31/FCC1_MII_COL FCC1_UTM_TXENB/ FCC1_UTS_TXENB A192 PB4/FCC3_MII_HDLC_TXD3/ L1RSYNCA2/FCC3_RTS FCC2_UT8_RXD0 AD212 PB5/FCC3_MII_HDLC_TXD2/ L1TSYNCA2/L1GNTA2 FCC2_UT8_RXD1 AD222 PB6/FCC3_MII_HDLC_TXD1/ FCC3_RMII_TXD1/ L1RXDA2/L1RXD0A2 FCC2_UT8_RXD2 AC222 PB7/FCC3_MII_HDLC_TXD0/ FCC3_RMII_TXD0/ FCC3_TXD/L1TXDA2/L1TXD0A2 FCC2_UT8_RXD3 AE262 PB8/FCC3_MII_HDLC_RXD0/ FCC3_RMII_RXD0/ FCC3_RXD/TXD3 FCC2_UT8_TXD3 AB232 PB9/FCC3_MII_HDLC_RXD1/ FCC3_RMII_RXD1/L1TXD2A2 FCC2_UT8_TXD2 AC262 PB10/FCC3_MII_HDLC_RXD2 FCC2_UT8_TXD1 AB262 PB11/FCC3_MII_HDLC_RXD3 FCC2_UT8_TXD0 AA252 PB12/FCC3_MII_CRS/TXD2 W262 PB13/FCC3_MII_COL/L1TXD1A2 W252 PB14/FCC3_MII_RMII_TX_EN/RXD3 V242 Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued) Pin Name Ball MPC8275/MPC8270 MPC8275 only |