Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280EC Fiches technique(PDF) 63 Page - Freescale Semiconductor, Inc

No de pièce MPC8280EC
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280EC Fiches technique(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8280EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
63
Pinout
TT1
B3
TT2
F8
TT3
A3
TT4
C3
TBST
F5
TSIZ0
E3
TSIZ1
E2
TSIZ2
E1
TSIZ3
E4
AACK
D3
ARTRY
C2
DBG
A14
DBB/IRQ3
C15
D0
W4
D1
Y1
D2
V1
D3
P4
D4
N3
D5
K5
D6
J4
D7
G1
D8
AB1
D9
U4
D10
U2
D11
N6
D12
N1
D13
L1
D14
J5
D15
G3
D16
AA2
D17
W1
D18
T3
D19
T1
Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83