Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A32100DX Fiches technique(PDF) 57 Page - Actel Corporation

No de pièce A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Fiches technique(HTML) 57 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 53Page - Actel Corporation A32100DX Datasheet HTML 54Page - Actel Corporation A32100DX Datasheet HTML 55Page - Actel Corporation A32100DX Datasheet HTML 56Page - Actel Corporation A32100DX Datasheet HTML 57Page - Actel Corporation A32100DX Datasheet HTML 58Page - Actel Corporation A32100DX Datasheet HTML 59Page - Actel Corporation A32100DX Datasheet HTML 60Page - Actel Corporation A32100DX Datasheet HTML 61Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
57
Hi R e l F P GA s
TD I
Tes t D ata In
Serial data input for JTAG instructions and data. Data is
shifted in on the rising edge of TCLK. This pin functions as an
I/O when the JTAG fuse is not programmed. JTAG pins are
only available in the 3200DX device.
TD O
Tes t D ata Out
Serial data output for JTAG instructions and test data. This pin
functions as an I/O when the JTAG fuse is not programmed.
JTAG pins are only available in the 3200DX device.
TM S
Tes t Mo de Select
Serial data input for JTAG test mode. Data is shifted in on the
rising edge of TCLK. This pin functions as an I/O when the
JTAG fuse is not programmed. JTAG pins are only available in
the 3200DX device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98