Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A32100DX Fiches technique(PDF) 95 Page - Actel Corporation

No de pièce A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Fiches technique(HTML) 95 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 90Page - Actel Corporation A32100DX Datasheet HTML 91Page - Actel Corporation A32100DX Datasheet HTML 92Page - Actel Corporation A32100DX Datasheet HTML 93Page - Actel Corporation A32100DX Datasheet HTML 94Page - Actel Corporation A32100DX Datasheet HTML 95Page - Actel Corporation A32100DX Datasheet HTML 96Page - Actel Corporation A32100DX Datasheet HTML 97Page - Actel Corporation A32100DX Datasheet HTML 98Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
95
Hi R e l F P GA s
P ack ag e Mec h a n i c a l Dr awi n gs (continued)
84- Pi n CQFP
Notes:
1.
Seal ring and lid are connected to Ground.
2.
Lead material is Kovar with minimum 50 microinches gold plate over nickel.
3.
Packages are shipped unformed with the ceramic tie bar in a test carrier.
D2
D1
e
A1
A
c
H
E2
E1
b
L1
F
Lid
Top View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98