| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9734BBC Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9734BBC Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 72 page ![]() AD9734/AD9735/AD9736 Rev. A | Page 7 of 72 Parameter Min Typ Max Unit INPUT (SDI, SDIO, SCLK, CSB) Voltage in High, VIH 2.0 3.3 V Voltage in Low, VIL 0 0.8 V Current in High, IIH −10 +10 μA Current in Low, IIL −10 +10 μA SDIO OUTPUT Voltage out High, VOH 2.4 3.6 V Voltage out Low, VOL 0 0.4 V Current out High, IOH 4 mA Current out Low, IOL 4 mA 1Refer to the Input Data Timing section for recommended LVDS differential drive levels. |