Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9734BBC Fiches technique(PDF) 43 Page - Analog Devices

No de pièce AD9734BBC
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9734BBC Fiches technique(HTML) 43 Page - Analog Devices

Back Button AD9734BBC Datasheet HTML 39Page - Analog Devices AD9734BBC Datasheet HTML 40Page - Analog Devices AD9734BBC Datasheet HTML 41Page - Analog Devices AD9734BBC Datasheet HTML 42Page - Analog Devices AD9734BBC Datasheet HTML 43Page - Analog Devices AD9734BBC Datasheet HTML 44Page - Analog Devices AD9734BBC Datasheet HTML 45Page - Analog Devices AD9734BBC Datasheet HTML 46Page - Analog Devices AD9734BBC Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 43 of 72
D
INTERNAL DELAY
DACCLK
DATACLK_OUT
DATACLK_IN
DATA_IN
A
A
B
B
01
2
3
456
701
234
5
670
4
567
0
12
34
1
2
34
5
670
C
C
D
D
E
E
F
F
G
G
H
H
I
I
J
J
K
K
L
L
M
A
B
C
D
E
F
G
H
IJ
K
L
M
M
N
N
I
A
O
O
Q
P
P
QR
DSS1
DSS2
D2
WRITE_PTR1
SAFE ZONE
DATA 'A' CAN BE
SAFELY READ FROM
THE FIFO IN THE
SAFE ZONE. IN THE
ERROR ZONE, THE
POINTERS MAY
BRIEFLY OVERLAP
DUE TO CLOCK JITTER
OR NOISE.
FIFOSTAT IS SET
EQUAL TO THE
WRITE POINTER
EACH TIME THE
READ POINTER
CHANGES FROM
7 TO 0.
ERROR ZONE
M0
M1
B
C
E
F
G
4
4
4
H
J
M2
M3
M4
M5
M6
M7
READ_PTR1
FIFOSTAT
DAC_DATA
D1
EXTERNAL DELAY
SAMPLE_HOLD
SAMPLE_SETUP
SAMPLE_DELAY
Figure 83. Sync Logic Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72