Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9734BBC Fiches technique(PDF) 47 Page - Analog Devices

No de pièce AD9734BBC
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9734BBC Fiches technique(HTML) 47 Page - Analog Devices

Back Button AD9734BBC Datasheet HTML 43Page - Analog Devices AD9734BBC Datasheet HTML 44Page - Analog Devices AD9734BBC Datasheet HTML 45Page - Analog Devices AD9734BBC Datasheet HTML 46Page - Analog Devices AD9734BBC Datasheet HTML 47Page - Analog Devices AD9734BBC Datasheet HTML 48Page - Analog Devices AD9734BBC Datasheet HTML 49Page - Analog Devices AD9734BBC Datasheet HTML 50Page - Analog Devices AD9734BBC Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 47 of 72
CROSS CONTROLLER REGISTERS
The AD973x differential output stage is adjustable to equalize
the charge injection into the positive and negative outputs. This
adjustment impacts certain performance characteristics, such as
harmonic distortion or IMD. System performance can be en-
hanced by adjusting the cross controller.
If the system is calibrated after manufacture, adjust the cross
controller offsets to provide optimum performance. To start,
increment DNDEL<5:0> (Reg. 11, Bits 5:0) while observing
HD2 (second harmonic distortion) and/or IMD to find the
desired optimum. If DNDEL does not influence the perform-
ance, set it to 0 and increment UPDEL<5:0> (Reg. 10, Bits 5:0).
Based on system characterization, set one of these controls to
the maximum value to yield the best performance.
Figure 85 shows the effect of UPDEL and DNDEL.
INCREMENT DNDEL TO MOVE
THE CROSSING TOWARD THE
IDEAL VALUE
IDEAL DIFFERENTIAL OUTPUT
CROSSING ALIGNMENT
INCREMENT UPDEL TO MOVE
THE CROSSING TOWARD THE
IDEAL VALUE
Figure 85. Effect of UPDEL and DNDEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72