Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2155 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 10Page - Microchip Technology MCP2155_13 Datasheet HTML 11Page - Microchip Technology MCP2155_13 Datasheet HTML 12Page - Microchip Technology MCP2155_13 Datasheet HTML 13Page - Microchip Technology MCP2155_13 Datasheet HTML 14Page - Microchip Technology MCP2155_13 Datasheet HTML 15Page - Microchip Technology MCP2155_13 Datasheet HTML 16Page - Microchip Technology MCP2155_13 Datasheet HTML 17Page - Microchip Technology MCP2155_13 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MCP2155
DS21690B-page 14
Preliminary
 2001-2013 Microchip Technology Inc.
2.9.2
OTHER OPTIONAL IrDA DATA
PROTOCOLS
Other IrDA data protocols have been developed to spe-
cific application requirements. These optional protocols
are not supported in the MCP2155. These IrDA data
protocols are briefly described in the following sub-sec-
tions. For additional information, please refer to the
IrDA website (www.IrDA.org).
2.9.2.1
IrTran-P
IrTran-P provides the protocol to exchange images with
digital image capture devices/cameras.
2.9.2.2
IrOBEX
IrOBEX provides OBject EXchange services. This is
similar to HTTP.
2.9.2.3
IrLAN
IrLAN describes a protocol to support IR wireless
access to a Local Area Network (LAN).
2.9.2.4
IrMC
IrMC describes how mobile telephony and communica-
tion devices can exchange information. This informa-
tion includes phonebook, calender, and message data.
Also how call control and real-time voice are handled
(RTCON).
2.9.2.5
IrDA Lite
IrDA Lite describes how to reduce the application code
requirements, while maintaining compatibility with the
full implementation.
21690B.book Page 14 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52