| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2155 Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 52 page ![]() 2001-2013 Microchip Technology Inc. Preliminary DS21690B-page 37 MCP2155 FIGURE 4-9: RXIR WAVEFORMS TABLE 4-9: RXIR REQUIREMENTS AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature: –40 C TA +85C (industrial) Operating Voltage VDD range is described in Section 4.1 Param. No. Sym Characteristic Min Typ Max Units Conditions IR110A TRXIRBIT Receive Baud Rate 1152 — 1152 TOSC BAUD = 9600 576 — 576 TOSC BAUD = 19200 288 — 288 TOSC BAUD = 38400 192 — 192 TOSC BAUD = 57600 96 — 96 TOSC BAUD = 115200 IR131A TRXIRPW RXIR pulse width 2 — 24 TOSC IR132 TRXIRP RXIR bit period (1) —16 — TBITCLK Note 1: TBITCLK = TRXBIT/16. BITCLK RXIR 01 0 0 0 1 IR131A IR110A IR131B IR131B IR131B IR131B IR131B IR131B Start Bit Data bit 7 Data bit 6 Data bit 5 Data bit ... Start Bit Data bit 7 Data bit 6 Data bit 5 Data bit ... 21690B.book Page 37 Thursday, January 10, 2013 1:06 PM |