Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2155 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 32Page - Microchip Technology MCP2155_13 Datasheet HTML 33Page - Microchip Technology MCP2155_13 Datasheet HTML 34Page - Microchip Technology MCP2155_13 Datasheet HTML 35Page - Microchip Technology MCP2155_13 Datasheet HTML 36Page - Microchip Technology MCP2155_13 Datasheet HTML 37Page - Microchip Technology MCP2155_13 Datasheet HTML 38Page - Microchip Technology MCP2155_13 Datasheet HTML 39Page - Microchip Technology MCP2155_13 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
MCP2155
DS21690B-page 36
Preliminary
 2001-2013 Microchip Technology Inc.
FIGURE 4-8:
TXIR WAVEFORMS
TABLE 4-8:
TXIR REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature:
–40
C  TA  +85C (industrial)
Operating Voltage VDD range is described in Section 4.1
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR100A
TTXIRBIT
Transmit Baud Rate
1152
—
1152
TOSC
BAUD = 9600
576
—
576
TOSC
BAUD = 19200
288
—
288
TOSC
BAUD = 38400
192
—
192
TOSC
BAUD = 57600
96
—
96
TOSC
BAUD = 115200
IR121
TTXIRPW
TXIR pulse width
24
—
24
TOSC
IR122
TTXIRP
TXIR bit period (1)
—16
—
TBITCLK
Note 1: TBITCLK = TTXBIT/16.
BITCLK
TXIR
01
0
0
0
1
IR100A
IR121
Start Bit
Data bit 7
Data bit 6
Data bit 5
Data bit ...
IR122
IR122
IR122
IR122
IR122
IR122
21690B.book Page 36 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52