Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103VG Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM32F103VG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VG Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM32F103VG Datasheet HTML 26Page - STMicroelectronics STM32F103VG Datasheet HTML 27Page - STMicroelectronics STM32F103VG Datasheet HTML 28Page - STMicroelectronics STM32F103VG Datasheet HTML 29Page - STMicroelectronics STM32F103VG Datasheet HTML 30Page - STMicroelectronics STM32F103VG Datasheet HTML 31Page - STMicroelectronics STM32F103VG Datasheet HTML 32Page - STMicroelectronics STM32F103VG Datasheet HTML 33Page - STMicroelectronics STM32F103VG Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
Pinouts and pin descriptions
STM32F103xF, STM32F103xG
30/120
Doc ID 16554 Rev 3
L1
-
21 32
VREF+
SVREF+
M1 13 22 33
VDDA
SVDDA
J2
14 23 34
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS(8) /
ADC123_IN0 / TIM2_CH1_ETR /
TIM5_CH1 / TIM8_ETR
K2
15 24 35
PA1
I/O
PA1
USART2_RTS(7) / ADC123_IN1 /
TIM5_CH2 / TIM2_CH2(7)
L2
16 25 36
PA2
I/O
PA2
USART2_TX(7) / TIM5_CH3 /
ADC123_IN2 / TIM9_CH1 /
TIM2_CH3 (7)
M2 17 26 37
PA3
I/O
PA3
USART2_RX(7) / TIM5_CH4 /
ADC123_IN3 / TIM2_CH4(7)/
TIM9_CH2
G4 18 27 38
VSS_4
SVSS_4
F4
19 28 39
VDD_4
SVDD_4
J3
20 29 40
PA4
I/O
PA4
SPI1_NSS(7) / USART2_CK(7) /
DAC_OUT1 / ADC12_IN4
K3
21 30 41
PA5
I/O
PA5
SPI1_SCK(7) / DAC_OUT2 /
ADC12_IN5
L3
22 31 42
PA6
I/O
PA6
SPI1_MISO(7) / TIM8_BKIN /
ADC12_IN6 / TIM3_CH1(7)/
TIM13_CH1
TIM1_BKIN
M3 23 32 43
PA7
I/O
PA7
SPI1_MOSI(7)/ TIM8_CH1N /
ADC12_IN7 / TIM3_CH2(7) /
TIM14_CH1
TIM1_CH1N
J4
24 33 44
PC4
I/O
PC4
ADC12_IN14
K4
25 34 45
PC5
I/O
PC5
ADC12_IN15
L4
26 35 46
PB0
I/O
PB0
ADC12_IN8 / TIM3_CH3 /
TIM8_CH2N
TIM1_CH2N
M4 27 36 47
PB1
I/O
PB1
ADC12_IN9 / TIM3_CH4(7) /
TIM8_CH3N
TIM1_CH3N
J5
28 37 48
PB2
I/O FT PB2/BOOT1
M5
-
-
49
PF11
I/O FT
PF11
FSMC_NIOS16
L5
-
-
50
PF12
I/O FT
PF12
FSMC_A6
H5
-
-
51
VSS_6
SVSS_6
G5
-
-
52
VDD_6
SVDD_6
K5
-
-
53
PF13
I/O FT
PF13
FSMC_A7
Table 5.
STM32F103xF and STM32F103xG pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More