Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205VG Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STM32F205VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VG Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STM32F205VG Datasheet HTML 43Page - STMicroelectronics STM32F205VG Datasheet HTML 44Page - STMicroelectronics STM32F205VG Datasheet HTML 45Page - STMicroelectronics STM32F205VG Datasheet HTML 46Page - STMicroelectronics STM32F205VG Datasheet HTML 47Page - STMicroelectronics STM32F205VG Datasheet HTML 48Page - STMicroelectronics STM32F205VG Datasheet HTML 49Page - STMicroelectronics STM32F205VG Datasheet HTML 50Page - STMicroelectronics STM32F205VG Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
47/177
-
-
-
- 128 E12
PH13
I/O FT
PH13
TIM8_CH1N / CAN1_TX/
EVENTOUT
-
-
-
- 129 E13
PH14
I/O FT
PH14
TIM8_CH2N / DCMI_D4/
EVENTOUT
-
-
-
- 130 D13
PH15
I/O FT
PH15
TIM8_CH3N / DCMI_D11/
EVENTOUT
-
-
-
- 131 E14
PI0
I/O FT
PI0
TIM5_CH4 / SPI2_NSS /
I2S2_WS / DCMI_D13/
EVENTOUT
-
-
-
- 132 D14
PI1
I/O FT
PI1
SPI2_SCK / I2S2_SCK /
DCMI_D8/ EVENTOUT
-
-
-
- 133 C14
PI2
I/O FT
PI2
TIM8_CH4 /SPI2_MISO /
DCMI_D9/ EVENTOUT
-
-
-
- 134 C13
PI3
I/O FT
PI3
TIM8_ETR / SPI2_MOSI /
I2S2_SD / DCMI_D10/
EVENTOUT
--
-
- 135 D9
VSS_15
SVSS_15
--
-
- 136 C9
VDD_15
SVDD_15
49 A1 76 109 137 A14
PA14
I/O FT
JTCK-
SWCLK
JTCK-SWCLK/ EVENTOUT
50 A2 77 110 138 A13
PA15
I/O FT
JTDI
JTDI/ SPI3_NSS/
I2S3_WS/TIM2_CH1_ETR
/ SPI1_NSS/ EVENTOUT
51 B3 78 111 139 B14
PC10
I/O FT
PC10
SPI3_SCK / I2S3_SCK /
UART4_TX / SDIO_D2 /
DCMI_D8 / USART3_TX/
EVENTOUT
52 C3 79 112 140 B13
PC11
I/O FT
PC11
UART4_RX/ SPI3_MISO /
SDIO_D3 /
DCMI_D4/USART3_RX/
EVENTOUT
53 A3 80 113 141 A12
PC12
I/O FT
PC12
UART5_TX/SDIO_CK /
DCMI_D9 / SPI3_MOSI /
I2S3_SD / USART3_CK/
EVENTOUT
-
-
81 114 142 B12
PD0
I/O FT
PD0
FSMC_D2/CAN1_RX/
EVENTOUT
-
-
82 115 143 C12
PD1
I/O FT
PD1
FSMC_D3 / CAN1_TX/
EVENTOUT
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More