| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F205VG Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VG Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 177 page ![]() Description STM32F20xxx 16/177 Doc ID 15818 Rev 9 Figure 2. Compatible board design between STM32F10xx and STM32F2xx for LQFP100 package Figure 3. Compatible board design between STM32F10xx and STM32F2xx for LQFP144 package 1. RFU = reserved for future use. ai15961c 20 49 125 26 50 51 75 100 76 73 19 VSS VSS VDD VSS VSS VSS 0 Ω resistor or soldering bridge present for the STM32F10xx configuration, not present in the STM32F2xx configuration 99 (RFU) VSS VDD VSS for STM32F10xx VDD for STM32F2xx Two 0 Ω resistors connected to: - VSS for the STM32F10xx - VDD, VSS, or NC for the STM32F2xx ai15960c 31 71 136 37 72 73 108 144 109 VSS 0 Ω resistor or soldering bridge present for the STM32F10xx configuration, not present in the STM32F2xx configuration 106 VSS 30 Two 0 Ω resistors connected to: VSS VDD VSS VSS 143 (RFU) VSS VDD - VSS for the STM32F10xx - VDD, VSS, or NC for the STM32F2xx |