Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205VG Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STM32F205VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VG Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STM32F205VG Datasheet HTML 49Page - STMicroelectronics STM32F205VG Datasheet HTML 50Page - STMicroelectronics STM32F205VG Datasheet HTML 51Page - STMicroelectronics STM32F205VG Datasheet HTML 52Page - STMicroelectronics STM32F205VG Datasheet HTML 53Page - STMicroelectronics STM32F205VG Datasheet HTML 54Page - STMicroelectronics STM32F205VG Datasheet HTML 55Page - STMicroelectronics STM32F205VG Datasheet HTML 56Page - STMicroelectronics STM32F205VG Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 177 page
background image
Table 8.
Alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3
SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI
PA0-WKUP
TIM2_CH1_ETR
TIM 5_CH1
TIM8_ETR
USART2_CTS
UART4_TX
ETH_MII_CRS
EVENTOUT
PA1
TIM2_CH2
TIM5_CH2
USART2_RTS
UART4_RX
ETH_MII _RX_CLK
ETH_RMII
_REF_CLK
EVENTOUT
PA2
TIM2_CH3
TIM5_CH3
TIM9_CH1
USART2_TX
ETH_MDIO
EVENTOUT
PA3
TIM2_CH4
TIM5_CH4
TIM9_CH2
USART2_RX
OTG_HS_ULPI_D0
ETH _MII_COL
EVENTOUT
PA4
SPI1_NSS
SPI3_NSS
I2S3_WS
USART2_CK
OTG_HS_SOF
DCMI_HSYNC
EVENTOUT
PA5
TIM2_CH1_ETR
TIM8_CH1N
SPI1_SCK
OTG_HS_ULPI_CK
EVENTOUT
PA6
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
SPI1_MISO
TIM13_CH1
DCMI_PIXCK
EVENTOUT
PA7
TIM1_CH1N
TIM3_CH2
TIM8_CH1N
SPI1_MOSI
TIM14_CH1
ETH_MII _RX_DV
ETH_RMII
_CRS_DV
EVENTOUT
PA8
MCO1
TIM1_CH1
I2C3_SCL
USART1_CK
OTG_FS_SOF
EVENTOUT
PA9
TIM1_CH2
I2C3_SMBA
USART1_TX
DCMI_D0
EVENTOUT
PA10
TIM1_CH3
USART1_RX
OTG_FS_ID
DCMI_D1
EVENTOUT
PA11
TIM1_CH4
USART1_CTS
CAN1_RX
OTG_FS_DM
EVENTOUT
PA12
TIM1_ETR
USART1_RTS
CAN1_TX
OTG_FS_DP
EVENTOUT
PA13
JTMS-SWDIO
EVENTOUT
PA14
JTCK-SWCLK
EVENTOUT
PA15
JTDI
TIM 2_CH1
TIM 2_ETR
SPI1_NSS
SPI3_NSS
I2S3_WS
EVENTOUT
PB0
TIM1_CH2N
TIM3_CH3
TIM8_CH2N
OTG_HS_ULPI_D1
ETH _MII_RXD2
EVENTOUT
PB1
TIM1_CH3N
TIM3_CH4
TIM8_CH3N
OTG_HS_ULPI_D2
ETH _MII_RXD3
EVENTOUT
PB2
EVENTOUT
PB3
JTDO/
TRACESWO
TIM2_CH2
SPI1_SCK
SPI3_SCK
I2S3_SCK
EVENTOUT
PB4
JTRST
TIM3_CH1
SPI1_MISO
SPI3_MISO
EVENTOUT
PB5
TIM3_CH2
I2C1_SMBA
SPI1_MOSI
SPI3_MOSI
I2S3_SD
CAN2_RX
OTG_HS_ULPI_D7
ETH _PPS_OUT
DCMI_D10
EVENTOUT
PB6
TIM4_CH1
I2C1_SCL
USART1_TX
CAN2_TX
DCMI_D5
EVENTOUT
PB7
TIM4_CH2
I2C1_SDA
USART1_RX
FSMC_NL
DCMI_VSYNC
EVENTOUT
PB8
TIM4_CH3
TIM10_CH1
I2C1_SCL
CAN1_RX
ETH _MII_TXD3
SDIO_D4
DCMI_D6
EVENTOUT
PB9
TIM4_CH4
TIM11_CH1
I2C1_SDA
SPI2_NSS
I2S2_WS
CAN1_TX
SDIO_D5
DCMI_D7
EVENTOUT
PB10
TIM2_CH3
I2C2_SCL
SPI2_SCK
I2S2_SCK
USART3_TX
OTG_HS_ULPI_D3 ETH_ MII_RX_ER
EVENTOUT
PB11
TIM2_CH4
I2C2_SDA
USART3_RX
OTG_HS_ULPI_D4
ETH _MII_TX_EN
ETH _RMII_TX_EN
EVENTOUT
PB12
TIM1_BKIN
I2C2_SMBA
SPI2_NSS
I2S2_WS
USART3_CK
CAN2_RX
OTG_HS_ULPI_D5
ETH _MII_TXD0
ETH _RMII_TXD0
OTG_HS_ID
EVENTOUT
PB13
TIM1_CH1N
SPI2_SCK
I2S2_SCK
USART3_CTS
CAN2_TX
OTG_HS_ULPI_D6
ETH _MII_TXD1
ETH _RMII_TXD1
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More