| Moteur de recherche de fiches techniques de composants électroniques |
|
L6482 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 73 page ![]() L6482 Programming manual Doc ID 023768 Rev 2 49/73 Any attempt to write to the register when the motor is running causes the command to be ignored and the NOTPERF_CMD to rise (see Section 9.1.21). 9.1.13 TOFF_MIN This parameter is used by the current control system when current mode operation is selected. The TOFF_MIN register contains the minimum off-time value used by the current control system (see Section 7.1 for details). The available range for both parameters is from 0.5 µs to 64 µs. Any attempt to write to the register when the motor is running causes the command to be ignored and NOTPERF_CMD to rise (see Section 9.1.21). Table 18. Minimum on-time TON MIN [6..0] Time 0 0 0 0 0 0 0 0.5 µs 0 0 0 0 0 0 1 1 µs 1 1 1 1 1 1 0 63.5 µs 1 1 1 1 1 1 1 64 µs Table 19. Minimum off-time TOFF MIN [6..0] Time 0 0 0 0 0 0 0 0.5 µs 0 0 0 0 0 0 1 1 µs 1 1 1 1 1 1 0 63.5 µs 1 1 1 1 1 1 1 64 µs |