Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6482 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 51Page - STMicroelectronics L6482 Datasheet HTML 52Page - STMicroelectronics L6482 Datasheet HTML 53Page - STMicroelectronics L6482 Datasheet HTML 54Page - STMicroelectronics L6482 Datasheet HTML 55Page - STMicroelectronics L6482 Datasheet HTML 56Page - STMicroelectronics L6482 Datasheet HTML 57Page - STMicroelectronics L6482 Datasheet HTML 58Page - STMicroelectronics L6482 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
L6482
Programming manual
Doc ID 023768 Rev 2
55/73
The TCC parameter defines the deadtime duration between the gate turn-off and the
opposite gate turn-on sequences (Section 6.16).
The TBLANK parameter defines the duration of the blanking of the current sensing
comparators (stall detection and overcurrent) after each commutation (Section 6.16).
9.1.20
CONFIG
The CONFIG register has the following structure:
The OSC_SEL and EXT_CLK bits set the system clock source:
Table 32.
TDT parameter
TDT [4..0]
Deadtime [ns]
0
000
0
125
0
000
1
250
⇓⇓
⇓⇓⇓
1
111
0
3875
1
111
1
4000
Table 33.
TBLANK parameters
TBLANK [2..0]
Blanking time [ns]
00
0
125
00
1
250
⇓⇓
11
0
875
11
1
1000
Table 34.
CONFIG register
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
PRED_E
TSW
VCCVAL
UVLOVAL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OC_SD
RESERVED
EN_TQREG
SW_MOD
E
EXT_CLK
OSC_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73