| Moteur de recherche de fiches techniques de composants électroniques |
|
L6482 Fiches technique(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482 Fiches technique(HTML) 70 Page - STMicroelectronics |
|
70 / 73 page ![]() Package mechanical data L6482 70/73 Doc ID 023768 Rev 2 10 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 28. HTSSOP38 package dimensions Table 67. HTSSOP38 mechanical data Symbol mm Min. Typ. Max. A- 1.1 A1 0.05 - 0.15 A2 0.85 0.9 0.95 b0.17 - 0.27 c0.09 - 0.20 D 9.60 9.70 9.80 E1 4.30 4.40 4.50 e- 0.50 - E- 6.40 - L 0.50 0.60 0.70 P 6.40 6.50 6.60 P1 3.10 3.20 3.30 ∅ 0° - 8° |