Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT2513 Fiches technique(PDF) 10 Page - Aeroflex Circuit Technology

No de pièce CT2513
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 Fiches technique(HTML) 10 Page - Aeroflex Circuit Technology

Back Button CT2513 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
10
Figure 6 – TIMING DIAGRAM, COMMAND WORD TRANSFER
166ns
0ns MIN
2.25µs MAX
250ns MAX
500ns
166ns
666ns
1µs
166ns
166ns
WHEN T/R = 0
VALID
SUB ADDRESS
ADDRESS = 00h OR MODE
WORD
COUNT
TRISTATE
TRISTATE
TRISTATE
75ns MAX
75ns MAX
75ns
MAX
75ns MAX
COMMAND WORD
NOTE:
1. R/W = LOGIC 0
BUFFENA
DB0 - DB15
A0 - A4
A6 - A10
A5 (D/C)
A11 (T/R)
INCMD
DTSTB
DTACK
DTGRT
DTREQ
NBGT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17