Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT2513 Fiches technique(PDF) 5 Page - Aeroflex Circuit Technology

No de pièce CT2513
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 Fiches technique(HTML) 5 Page - Aeroflex Circuit Technology

  CT2513 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
5
Taps at N1:N3 For
Stub Coupling
(See Table)
CT
}
Figure 2 – Typical Direct Coupled Configuration
B
A
For
Direct
Coupling
55
Ω
55
Ω
(N1 : N2)
(See Table)
Turns Ratio
CT2512
N1:N2
1.4:1
N1:N3
2:1
Technitrol Part #
T-1553-2
CT2512
CH A/B
CH A/B
GND
TX DATA
TX DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17