| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF341 Fiches technique(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 Fiches technique(HTML) 34 Page - Analog Devices |
|
34 / 36 page ![]() REV. 0 –34– ADMCF341 SPORT1 RECEIVE OR IRQ0 IFC INTERRUPT FORCE INTERRUPT CLEAR 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 TIMER SOFTWARE 0 SOFTWARE 1 IRQ2 TIMER SOFTWARE 0 SOFTWARE 1 IRQ2 DSP REGISTER 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 SPORT1 TRANSMIT OR IRQ1 SPORT1 RECEIVE OR IRQ0 SPORT1 TRANSMIT OR IRQ1 1 1 0 0 0 IRQ0 SENSITIVITY 0 = LEVEL 1 = EDGE ICNTL IRQ1 SENSITIVITY IRQ2 SENSITIVITY INTERRUPT NESTING 0 = DISABLE 1 = ENABLE DSP REGISTER 43 2 1 0 IMASK (R/W) PERIPHERAL (OR IRQ2) TIMER SPORT1 RECEIVE (OR IRQ0) SPORT1 TRANSMIT (OR IRQ1) SOFTWARE 0 SOFTWARE 1 0 0 0 0 0 0 0 00 0 0 00 1 1 0 DSP REGISTER 0 = DISABLE (MASK) 1 = ENABLE 0 = DISABLE (MASK) 1 = ENABLE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 SPORT0 TRANSMIT SPORT0 RECEIVE SPORT0 RECEIVE SPORT0 TRANSMIT SPORT0 TRANSMIT SPORT0 RECEIVE Figure 30. Configuration of Interrupt Control Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |