| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF341 Fiches technique(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 Fiches technique(HTML) 29 Page - Analog Devices |
|
29 / 36 page ![]() REV. 0 ADMCF341 –29– 0 0 0 0 0 0 0 0 0 0 LOW SIDE GATE CHOPPING 0 = DISABLE 1 = ENABLE HIGH SIDE GATE CHOPPING DM (0x200B) GDCLK GATE DRIVE CHOPPING FREQUENCY PWMGATE (R/W) PWMPD (R/W) DM (0x200A) PWMPD PWMCHA (R/W) PWM CHANNEL A DUTY CYCLE DM (0x200C) PWMCHB (R/W) PWM CHANNEL B DUTY CYCLE DM (0x200D) PWMCHC (R/W) DM (0x200E) PWM CHANNEL C DUTY CYCLE TMIN = PWMPD fCLKOUT fCHOP = 4 (GDCLK + 1) fCLKOUT 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 00 0 Figure 24. Configuration of Additional PWM Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |