| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF341 Fiches technique(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 Fiches technique(HTML) 28 Page - Analog Devices |
|
28 / 36 page ![]() REV. 0 –28– ADMCF341 PWMSYNCWT + 1 fCLKOUT TPWMSYNC, ON = 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 00 0 0 0 00 0 0 0 00 0 PWMDT (R/W) PWMDT PWMTM (R/W) PWMTM fCLKOUT 2 PWMTM fPWM = 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 PWMSEG (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 01 0 00 1 1 1 00 0 00 0 0 0 PWMSYNCWT (R/W) PWMSYNCWT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 00 0 0 0 00 0 0 00 0 0 PWMSWT (R/W) DM (0x 2008) DM (0x200F) 2 PWMTM fCLKOUT TD = CH OUTPUT DISABLE CL OUTPUT DISABLE BH OUTPUT DISABLE BL OUTPUT DISABLE AH OUTPUT DISABLE AL OUTPUT DISABLE 0 = ENABLE 1 = DISABLE A CHANNEL CROSSOVER B CHANNEL CROSSOVER C CHANNEL CROSSOVER 0 = NO CROSSOVER 1 = CROSSOVER DM (0x2060) DM (0x2061) DM (0x2009) Figure 23. Configuration of PWM Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |