Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMC401 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 2Page - Analog Devices ADMC401 Datasheet HTML 3Page - Analog Devices ADMC401 Datasheet HTML 4Page - Analog Devices ADMC401 Datasheet HTML 5Page - Analog Devices ADMC401 Datasheet HTML 6Page - Analog Devices ADMC401 Datasheet HTML 7Page - Analog Devices ADMC401 Datasheet HTML 8Page - Analog Devices ADMC401 Datasheet HTML 9Page - Analog Devices ADMC401 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
REV. B
ADMC401
–6–
Parameter
Min
Max
Unit
Interrupts and Flags
Timing Requirements:
t
IFS
IRQx or FI Setup before CLKOUT Low1, 2, 3
0.25t
CK + 15
ns
t
IFH
IRQx or FI Hold after CLKOUT High1, 2, 3
0.25t
CK
ns
Switching Characteristics:
t
FOH
Flag Output Hold after CLKOUT Low
4
0.5t
CK – 7
ns
t
FOD
Flag Output Delay from CLKOUT Low
4
0.5t
CK + 5
ns
NOTES
1If
IRQx and FI inputs meet t
IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise the signals will be recognized on
the following cycle. (Refer to “Interrupt Controller Operation” in the Program Control chapter of the ADSP-2100 Family User’s Manual, Third Edition for further
information on interrupt servicing.)
2Edge-sensitive interrupts require pulsewidths greater than 10 ns; level-sensitive interrupts must be held low until serviced.
3
IRQx = IRQ0 and IRQ1.
4Flag Output = FL1 and FO.
CLKOUT
FLAG
OUTPUTS
IRQx
FI
tFOH
tIFH
tIFS
tFOD
Figure 2. Interrupts and Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60