| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMC401 Fiches technique(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401 Fiches technique(HTML) 51 Page - Analog Devices |
|
51 / 60 page ![]() ADMC401 –51– REV. B PIOLEVEL (R/W) DM (0x2040) 0 = FALLING EDGE (PIOMODE = 0) = ACTIVE LOW (PIOMODE = 1) 1 = RISING EDGE (PIOMODE = 0) = ACTIVE HIGH (PIOMODE = 1) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 0 DM (0x2041) 0 = EDGE SENSITIVE 1 = LEVEL SENSITIVE PIOMODE (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 0 DM (0x2042) 0 = PWM TRIP DISABLE 1 = PWM TRIP ENABLE PIOPWM (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 1 1 11 1 1 11 1 1 1 DM (0x2044) 0 = INPUT 1 = OUTPUT PIODIR (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 PIOFLAG (R) DM (0x2047) 0 = NO INTERRUPT 1 = INTERRUPT FLAGGED DM (0x2046) PIOINTEN (R/W) 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE DM (0x2045) 0 = LO LEVEL 1 = HI LEVEL PIODATA (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 Figure 39. Structure of Registers of ADMC401 Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field— these bits should always be written as shown. |