| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMC401 Fiches technique(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401 Fiches technique(HTML) 49 Page - Analog Devices |
|
49 / 60 page ![]() ADMC401 –49– REV. B Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. 0 0 0 0 0 0 DM (0x2023) EIUCTRL (R/W) FIRST ZERO MARKER 1 = RECEIVED 0 = NOT RECEIVED EIU COUNT ERROR 1 = ERROR 0 = NO ERROR EIU COUNT DIRECTION 1 = UP 0 = DOWN EIU STATE 1 = NOT INITIALIZED 0 = INITIALIZED DM (0x2022) EIUSTAT (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 EIUSCALE (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 EIUCNT (R/W) EIUMAXCNT (R/W) EIUPERIOD (R/W) EIUTIMER (R/W) EETCNT (R) DM (0x2020) DM (0x2021) DM (0x2024) DM (0x2026) DM (0x2027) DM (0x2025) EIS STATE EIZ STATE EIB STATE 1 = HI 0 = LO DIRECTION REVERSE 1 = SWAP EIA AND EIB 0 = DO NOT SWAP EIA/EIB ZERO MARKER 1 = USE FOR RESET 0 = DO NOT USE SINGLE NORTH MARKER MODE 1 = ENABLE 0 = DISABLE 1 = ZERO MARKER 0 = REGISTRATION 1 = ENABLE 0 = DISABLE FREQUENCY & DIRECTION MODE EIA STATE 0 0 0 1 = ENABLE 0 = DISABLE EIU ERROR MONITORING EIS LATCH DEFINITION EIZ LATCH DEFINITION ENABLE EIU LOOP TIMER EET LATCH DEFINITION 1 = EIUTIMER TIMEOUT 0 = EIUCNT READ 1 = ENABLE 0 = DISABLE 1 = ZERO MARKER 0 = REGISTRATION 00 0 0 0 0 0 0 00 0 0 0 0 0 0 0000 0 0 0 Figure 37. Structure of Registers of ADMC401 |