| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5490 Fiches technique(PDF) 47 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 Fiches technique(HTML) 47 Page - Cirrus Logic |
|
47 / 56 page ![]() CS5490 DS982F2 47 6.6.41 Power Factor (PF) – Page 16, Address 21 Default = 0x00 0000 Power factor (PF) is calculated by dividing active power (PAVG) by apparent power (S). The sign is determined by the active power (PAVG) sign. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.42 Temperature (T) – Page 16, Address 27 Default = 0 T contains results from the on-chip temperature measurement. By default, T uses the Celsius scale and is a two's complement value in the range of -128.0 value 128.0 (°C), with the binary point to the right of bit 16. T can be rescaled by the application using the TGAIN and TOFF registers. 6.6.43 Total Active Power (PSUM) – Page 16, Address 29 Default = 0 PSUM =PAVG This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.44 Total Apparent Power (SSUM) – Page 16, Address 30 Default = 0 SSUM =S This is an unsigned value in the range of 0 value1.0, with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(27)26 25 24 23 22 21 20 ..... 2-10 2-11 2-12 2-13 2-14 2-15 2-16 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 0 2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |