| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5490 Fiches technique(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 Fiches technique(HTML) 44 Page - Cirrus Logic |
|
44 / 56 page ![]() CS5490 44 DS982F2 6.6.29 Voltage Swell Level (VSwellLEVEL ) – Page 18, Address 47 Default = 0x7F FFFF Voltage swell level, VSwellLEVEL, establishes an input level above which a swell event is triggered. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.30 Instantaneous Current (I) – Page 16, Address 2 Default = 0x00 0000 I contains instantaneous current measurements for current channel. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.31 Instantaneous Voltage (V) – Page 16, Address 3 Default = 0x00 0000 V contains instantaneous voltage measurements for voltage channel. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.32 Instantaneous Active Power (P) – Page 16, Address 4 Default = 0x00 0000 P contains instantaneous power measurements for current and voltage channels. Values in registers I and V are multiplied to generate this value. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |