| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5490 Fiches technique(PDF) 27 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 Fiches technique(HTML) 27 Page - Cirrus Logic |
|
27 / 56 page ![]() CS5490 DS982F2 27 53 11 0101 - Reserved - - 54 11 0110 - Reserved - - 55 11 0111 ZXNUM Num. Zero Crosses used for Line Freq. Y Y 0x00 0064 56 11 1000 - Reserved - - 57 11 1001 - Reserved - - 58 11 1010 - Reserved - - 59 11 1011 - Reserved - - 60 11 1100 - Reserved - - 61 11 1101 - Reserved - - 62 11 1110 - Reserved - - 63 11 1111 - Reserved - - Notes: (1) Warning: Do not write to unpublished or reserved register locations. (2) * Registers with checksum protection. (3) Registers that can be set to write protect from DSP and/or HOST. |