| Moteur de recherche de fiches techniques de composants électroniques |
|
PICDEMPIC18 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PICDEMPIC18 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 38 page ![]() Getting Started © 2008 Microchip Technology Inc. DS51721B-page 13 2.3.1 Attaching the PIM To attach the PIM: 1. Seat the PIM in the 80-pin, elevated, male connectors that encircle the PIC18F8722 (see Figure 2-5). FIGURE 2-5: PIM CONNECTORS AND S4 SWITCH Alternately, an In-Circuit Emulator (ICE) can be attached to the male connectors. This enables in-circuit emulation and user development and debugging of code. For information on this use, see the Microchip web site (http://microchip.com). 2. To designate the PIM-mounted device as the main microcontroller, set Switch S4 (shown in Figure 2-5) to ICE (see Figure 2-6). FIGURE 2-6: S4 SWITCH – SETTING FOR PIM-MOUNTED DEVICES 3. If you are converting from the board’s default VDD of 5V, see “Varying the Device Voltage (5V/3.3V)” on page 14. PIM Connectors S4 Switch PIC® MCU S4 ICE |