Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEMPIC18 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 17Page - Microchip Technology PICDEMPIC18 Datasheet HTML 18Page - Microchip Technology PICDEMPIC18 Datasheet HTML 19Page - Microchip Technology PICDEMPIC18 Datasheet HTML 20Page - Microchip Technology PICDEMPIC18 Datasheet HTML 21Page - Microchip Technology PICDEMPIC18 Datasheet HTML 22Page - Microchip Technology PICDEMPIC18 Datasheet HTML 23Page - Microchip Technology PICDEMPIC18 Datasheet HTML 24Page - Microchip Technology PICDEMPIC18 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Getting Started
© 2008 Microchip Technology Inc.
DS51721B-page 17
2.4.2
Loading the Program
This section describes how to program the PICDEM PIC18 Explorer Demonstration
Board using the MPLAB® Integrated Development Environment (IDE) and the sample
Hex code on the compact disc in the PICDEM PIC18 Explorer Demonstration Board’s Kit.
2.4.2.1
REPROGRAMMING WITH THE COMPACT DISC SAMPLE CODE
To program the PIC18F8722:
1.
Launch the MPLAB IDE application and select Configure>Select
Device>18F8722.
2.
To start the programmer, select Programmer>Select Programmer> ICD2.
3.
To open the Hex code file, select File>Import>Open and select
CD/Hex/18F8722/Demo8722.hex
.
4.
Connect the J4 jumper to Main (main controller), as shown in Figure 2-7.
FIGURE 2-7:
J4 JUMPER AND ‘MAIN’ SETTING
5.
Move the S4 switch to PIC MCU, as described in “Using the Board As Is” on
page 10.
To program the PIC18F87J11 on the PIM:
1.
Attach the PIM to the demonstration board.
2.
Move the S4 switch to ICE.
3.
Launch the MPLAB IDE application and select Configure>Select
Device>18F87J11.
4.
To start the programmer, select Programmer>Select Programmer>ICD2.
5.
To open the Hex code file, select File>Import>Open and select
CD/Hex/18F87J11/Demo87J11.hex
.
6.
Connect the J4 jumper to Main (main controller), as shown in Figure 2-7.
J4 Jumper
Jumper Location
Jumper Setting
USB
J4
Main
Note:
Both steps 1 and 2 are described in “Attaching the PIM” on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38