| Moteur de recherche de fiches techniques de composants électroniques |
|
PICDEMPIC18 Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PICDEMPIC18 Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 38 page ![]() Tutorial Program © 2008 Microchip Technology Inc. DS51721B-page 25 FIGURE 3-2: TUTORIAL PROGRAM FLOWCHART 3.2 SOURCE CODE AND DATA SHEETS The PICDEM PIC18 Explorer Demonstration Board Kit’s CD-ROM contains the assembled tutorial program (the Hex files) as well as the source code used to create those Hex files. The CD has device-specific directories for each set of source code and Hex files. For information on reprogramming the device with new or modified code, see Section 2.1 “Board as Stand-Alone Device”. Power-up PICDEM™ PIC18 Explorer Voltmeter RA5 = Next RB0 = Now Temperature RA5 = Next RB0 = Now Clock RA5 = Next RB0 = Now Volt = n.nnV RB0 = Exit Temperature - 022°C RB0 = Exit 00.00.02 RA5 = Set, RB0 = Menu 00.00.03 RA5 = ->, RB0 = ++ |