| Moteur de recherche de fiches techniques de composants électroniques |
|
41594B Fiches technique(PDF) 150 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Fiches technique(HTML) 150 Page - Microchip Technology |
|
150 / 372 page ![]() PIC12LF1840T48A DS41594B-page 150 Preliminary 2011-2012 Microchip Technology Inc. FIGURE 19-2: COMPARATOR 1 MODULE SIMPLIFIED BLOCK DIAGRAM Note 1: When C1ON = 0, the Comparator will produce a ‘0’ at the output. 2: When C1ON = 0, all multiplexer inputs are disconnected. 3: Output of comparator can be frozen during debugging. MUX C1(3) 0 1 C1ON(1) C1NCH 2 0 1 C1PCH<1:0> C1IN1- C1IN+ MUX - + C1VN C1VP C1OUT To ECCP PWM Logic Q1 D EN Q C1POL MC1OUT Set C1IF 0 1 C1SYNC C1OE C1OUT DQ SYNCC1OUT DAC FVR Buffer2 C1IN0- 2 C1SP C1HYS det Interrupt det Interrupt C1INTN C1INTP To Data Bus 2 3 TRIS bit C1ON (2) (2) (from Timer1) T1CLK To Timer1 or SR Latch VSS |