Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

41594B Fiches technique(PDF) 147 Page - Microchip Technology

No de pièce 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Fiches technique(HTML) 147 Page - Microchip Technology

Back Button 41594B Datasheet HTML 143Page - Microchip Technology 41594B Datasheet HTML 144Page - Microchip Technology 41594B Datasheet HTML 145Page - Microchip Technology 41594B Datasheet HTML 146Page - Microchip Technology 41594B Datasheet HTML 147Page - Microchip Technology 41594B Datasheet HTML 148Page - Microchip Technology 41594B Datasheet HTML 149Page - Microchip Technology 41594B Datasheet HTML 150Page - Microchip Technology 41594B Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 147
PIC12LF1840T48A
TABLE 18-2:
SUMMARY OF REGISTERS ASSOCIATED WITH SR LATCH MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
SRCON0
SRLEN
SRCLK2
SRCLK1
SRCLK0
SRQEN
SRNQEN
SRPS
SRPR
145
SRCON1
SRSPE
SRSCKE
Reserved
SRSC1E
SRRPE
SRRCKE
Reserved
SRRC1E
146
TRISA
—
—TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
113
Legend:
— = unimplemented, read as ‘0’. Shaded cells are unused by the SR Latch module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More