Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAMM15SF Fiches technique(PDF) 129 Page - ITT Industries

No de pièce DAMM15SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Fiches technique(HTML) 129 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 125Page - ITT Industries DAMM15SF Datasheet HTML 126Page - ITT Industries DAMM15SF Datasheet HTML 127Page - ITT Industries DAMM15SF Datasheet HTML 128Page - ITT Industries DAMM15SF Datasheet HTML 129Page - ITT Industries DAMM15SF Datasheet HTML 130Page - ITT Industries DAMM15SF Datasheet HTML 131Page - ITT Industries DAMM15SF Datasheet HTML 132Page - ITT Industries DAMM15SF Datasheet HTML 133Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
128
D Subminiature
Filter D
D*JT Combo — High Power Solder Cup
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Part Numbers
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3W3P1
DAJTE3W3P1
DAJTX3W3P1
1500 pF
DAJT3W3P6
DAJTE3W3P6
DAJTX3W3P6
5000 pF
DAJT3W3P5
DAJTE3W3P5
DAJTX3W3P5
47000 pF
DAJT3W3P9
DAJTE3W3P9
DAJTX3W3P9
Note: For performance class 1 add -A190. Example: DAJT3W3P6-A190
Part Numbers – Keyed Configuration
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3WK3P1
DAJTE3WK3P1
DAJTX3WK3P1
1500 pF
DAJT3WK3P6
DAJTE3WK3P6
DAJTX3WK3P6
5000 pF
DAJT3WK3P5
DAJTE3WK3P5
DAJTX3WK3P5
47000 pF
DAJT3WK3P9
DAJTE3WK3P9
DAJTX3WK3P9
Note: For performance class 1 add -A190. Example: DAJT3WK3P6-A190
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
L
±0,25 (.010)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
Engaging Face
Keyed Configuration
Engaging Face
A
C
B
E
D
A1
A3
10
°
Ø 3,05
(.120)
A
C
B
E
D
A1
A3
10
°
Ø 3,05
(.120)
L
W
F
Ø 3,63 (.143)
15,80
± 0,50
(.622
± .011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com